Part Number Hot Search : 
1N474 7N60K 62LV256 03203 IDT74 MX315 MA4ST554 EG21SR
Product Description
Full Text Search
 

To Download MMBT2907A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMBT2907A
New Product
Vishay Semiconductors
formerly General Semiconductor
Small Signal Transistor (PNP)
TO-236AB (SOT-23)
.122 (3.1) .110 (2.8) .016 (0.4) 3 .056 (1.43) .052 (1.33)
Top View
Mounting Pad Layout
0.031 (0.8)
Pin Configuration 1 = Base 2 = Emitter 3 = Collector
1
2 max. .004 (0.1)
0.035 (0.9) 0.079 (2.0)
.007 (0.175) .005 (0.125)
.037(0.95) .037(0.95)
.045 (1.15) .037 (0.95)
0.037 (0.95)
0.037 (0.95)
.016 (0.4)
.016 (0.4)
.102 (2.6) .094 (2.4)
Dimensions in inches and (millimeters)
Features
* PNP Silicon Epitaxial Planar Transistor for switching and amplifier applications. * This transistor is also available in the TO-92 case with the type designation MPS2907A.
Mechanical Data
Case: SOT-23 Plastic Package Weight: approx. 0.008g Marking Code: 2F Packaging Codes/Options: E8/10K per 13" reel (8mm tape), 30K/box E9/3K per 7" reel (8mm tape), 30K/box
Ratings at 25C ambient temperature unless otherwise specified.
Maximum Ratings & Thermal Characteristics
Parameter Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current Power Dissipation(1) Power Dissipation(2) Thermal Resistance Junction to Ambient Air Junction Temperature Storage Temperature Range
Notes: (1) FR-5 Board = 1.0 x 0.75 x 0.062 in. (2) Alumina Substrate = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
Symbol -VCEO -VCBO -VEBO -IC TA = 25C Derate above 25C TA = 25C Derate above 25C FR-5 Board Alumina Substrate Ptot Ptot RJA Tj TS
Value 60 60 5.0 600 225 1.8 300 2.4 556 417 150 -55 to +150
Unit V V V mA mW mW/C mW mW/C C/W C C
Document Number 88223 10-May-02
www.vishay.com 1
MMBT2907A
Vishay Semiconductors
formerly General Semiconductor
Electrical Characteristics (TJ = 25C unless otherwise noted)
Parameter Symbol Test Condition -VCE = 10V, -IC = 0.1mA -VCE = 10V, -IC = 1mA -VCE = 10V, -IC = 10mA -VCE = 10V, -IC = 150mA(1) -VCE = 10V, -IC = 500mA(1) -VEB = 0.5V, -VCE = 30V -VCB = 50V, IE = 0 -VCB = 50V,IE = 0,TA =125C -VEB = 0.5V, -VCE = 30V -IC = 150mA, -IB = 15mA -IC = 500mA, -IB = 50mA -IC = 150mA, -IB = 15mA -IC = 500mA, -IB = 50mA -IC = 10mA, IB = 0 -IC = 10A, IE = 0 -IE = 10A, IC = 0 -VCE = 20V, -IC = 50mA f = 100MHz -VCB = 10V, f = 1.0MHz IE = 0 -VEB = 2.0V, f = 1.0MHz IC = 0 Min 75 100 100 100 50 -- -- -- -- -- -- -- -- 60 60 5.0 200 -- -- Typ -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- Max -- -- -- 300 -- 50 0.01 10 50 0.4 1.6 1.3 2.6 -- -- -- -- 8 30 Unit
DC Current Gain
hFE
--
Collector Cutoff Current Collector Cutoff Current Emitter-Base Cutoff Current Collector-Emitter Saturation Voltage(1) Base-Emitter Saturation Voltage(1) Collector-Emitter Breakdown Voltage(1) Collector-Base Breakdown Voltage Emitter-Base Breakdown Voltage Current Gain-Bandwidth Product Output Capacitance Input Capacitance
Note: (1) Pulse test: Pulse width 300s, duty cycle 2.0%
-ICEV -ICBO -IBL -VCEsat -VBEsat -V(BR)CEO -V(BR)CBO -V(BR)EBO fT Cobo Cibo
nA A nA V V V V V MHz pF pF
www.vishay.com 2
Document Number 88223 10-May-02
MMBT2907A
Vishay Semiconductors
formerly General Semiconductor
Electrical Characteristics (TJ = 25C unless otherwise noted)
Parameter Turn-ON Time Delay Time Rise Time Turn-OFF Time Storage Time Fall Time Symbol ton td tr toff ts tf Test Condition -IB1 = 15mA, -IC = 150mA -VCC = 30V -IB1 = 15mA, -IC = 150mA -VCC = 30V -IB1 = 15mA, -IC = 150mA -VCC = 30V -IB1 = 15mA, -IC = 150mA -VCC = 6.0V -IB1 = -IB2 = 15mA -IC = 150mA , -VCC = 6.0V -IB1 = -IB2 = 15mA -IC = 150mA , -VCC = 6V Min -- -- -- -- -- -- Typ -- -- -- -- -- -- Max 45 10 40 100 80 30 Unit ns ns ns ns ns ns
Switching Time Equivalent Test Circuit
Figure 1 - Delay and Rise Time Test Circuit
-30V INPUT Zo = 50 PRF = 150 PPS Rise Time 2.0 ns P.W. < 200 ns 0 -16 V 200ns 200 INPUT Zo = 50 PRF = 150 PPS Rise Time 2.0 ns P.W. < 200 ns 0 -30 V 200ns 50
Figure 2 - Storage and Fall Time Test Circuit
+15 V 1.0 k 1.0 k To Oscilloscope with Rise Time 5.0 ns -6.0 V 37
1.0 k To Oscilloscope with Rise Time 5.0 ns 50
Document Number 88223 10-May-02
www.vishay.com 3


▲Up To Search▲   

 
Price & Availability of MMBT2907A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X